PART |
Description |
Maker |
PIC16C54 PIC16C57 PIC16C54A_JW PIC16C54-RC_SO PIC1 |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,28PIN,CERAMIC
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
PIC16LV54A-02_P PIC16LV54A-02_SO PIC16LV54A-02_SS |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
PIC16C54-RC_SS |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
PIC16HV540 40197A PIC16HV540-20I_SS PIC16HV540-04_ |
From old datasheet system Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
|
MICROCHIP[Microchip Technology]
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
CY27C256 CY27C256-120 CY27C256-120JC CY27C256-120P |
32K x 8-Bit CMOS EPROM 32K X 8 UVPROM, 55 ns, CDIP28 32K x 8-Bit CMOS EPROM 32K X 8 OTPROM, 150 ns, PDSO32 CONN PLUG HOUSING HA SIZE2 UPPER
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
HT27C020 27C020 |
OTP CMOS 256Kx 8-Bit EPROM OTP CMOS 256K′ 8-Bit EPROM From old datasheet system
|
Holtek Semiconductor In... Holtek Semiconductor Inc
|
AM27C1024 AM27C1024-120DC5 AM27C1024-120DC5B AM27C |
Quad 2-input exclusive-NOR gates with open collector outputs 14-SOIC 0 to 70 Quad 2-input exclusive-NOR gates with open collector outputs 14-PDIP 0 to 70 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 64K X 16 UVPROM, 55 ns, CDIP40 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SO 0 to 70 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位65亩16位)的CMOS存储 64K X 16 UVPROM, 70 ns, CDIP40 1 megabit CMOS EPROM
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC SPANSION LLC
|
27C256-15FA 27C256A 27C256 27C256D 27C256-12FA 27C |
2-7 V, 256K-bit CMOS EPROM (32Kx8) 256K-bit CMOS EPROM (32K x 8)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
FM8P54 FM8P54E FM8P56 FM8P56E |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
ETC
|